PART |
Description |
Maker |
MAX17605 MAX17601 MAX17603 MAX17600 MAX17602 CAT24 |
4A Sink /Source Current, 12ns, Dual MOSFET Drivers 2K/4K-Bit Serial EEPROM with Partial Array Write Protection 2K/4K-Bit偏串行EEPROM阵列写保 1K/2K/4K/8K/16K SPI Serial CMOS EEPROM 1K/2K/4K/8K/16K SPI 串行 互补型金属氧化物 电可擦可编程只读存储 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS 16K-Bit Microwire Serial EEPROM 16K的位微型导线串行EEPROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64K8K的8电池电压的CMOS E2PROM
|
Maxim Integrated Products Atmel, Corp. ON Semiconductor TE Connectivity, Ltd.
|
HT24LC16 |
CMOS 16K 2-Wire Serial EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
|
Holtek Semiconductor In... HOLTEK[Holtek Semiconductor Inc] Holtek Semiconductor Inc.
|
AT24C01ASC-09GT AT24C16SC AT24C02SC AT24C01ASC-10W |
Schmitt Trigger, Filtered Inputs for Noise Suppression 256 X 8 I2C/2-WIRE SERIAL EEPROM, UUC The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each From old datasheet system Two-wire Serial EEPROM Smart Card Modules
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
AT88RF001NBSP AT88RF001-01 AT88RF001 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each RF Interface IC with 256-bit EEPROM and Password. Provides an RF interface for communication with two-wire and SPI serial memories. Low-cost Asset Identification IC with serial TWI/SPI interface, 320 bits RFID External EEPROM Interface IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
AT28BV256 AT28BV256-20 AT28BV256-25 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 256K (32K x 8) Battery-Voltage Parallel EEPROMs
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
NVM3060 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 4096-Bit EEPROM
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
AM24LC21BISA AM24LC21B AM24LC21BIN AM24LC21BINA AM |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS Dual Mode/ 1K-bits (128 x 8) 2-Wire Serial EEPROM Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
|
Anachip Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
28C16AT/L 28C16ATI/P 28C16AFI/L 28C16AFT/L 28C16AF |
16K (2K x 8) CMOS EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
|
Microchip Technology Inc.
|
28C17A 27C17AT-25VS 27C17A-15L 27C17A-15P 27C17A-1 |
18-Bit Universal Bus Driver, LE 16K的(2K × 8)的CMOS EEPROM Global Limit Switches Series 91MCE: Panel Mount Pin Plunger, 1NO 1NC Direct Opening Snap Action, 1M Cable - Side Exit 16K的(2K × 8)的CMOS EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS CAT 5E PATCH CORD, BLUE, 1 FT CAT 5E PATCH CORD, BLUE, 3 FT LJT 39C 37#20 2#16 SKT PLUG LJT 11C 11#12 SKT WALL RECP Circular Connector; No. of Contacts:11; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-11 RoHS Compliant: No 16K (2K x 8) CMOS EEPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology] http://
|
28C64A-20ISO 28C64AF-15L 28C64AF-15SO 28C64AF-20IT |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS Schottky Rectifier; Current Rating:30A; Mounting Type:Surface Mount; Package/Case:QuadroMELF RoHS Compliant: Yes 64K的(8K的8)的CMOS EEPROM LJT 41C 41#20 PIN PLUG Circular Connector; No. of Contacts:79; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-35 RoHS Compliant: No PAN-TY PUSH MOUNT Circular Connector; No. of Contacts:11; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-11 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:21-16 RoHS Compliant: No RECTIFIER DIODE,SCHOTTKY,30V V(RRM),MELF-1.9 RoHS Compliant: Yes 64K (8K x 8) CMOS EEPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|